|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
certified ss-219 r6 aha 12/19/01 bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com page 1 of 8 multi layer ferrite chip beads type mcb designed to reduce noise at high frequencies standard eia packages: 0402, 0603, 0805, 1206 nickel barrier with solder overcoat for excellent solderability magnetically shielded * please note: kse? part numbers do not contain any spaces or hyphens. mcb 0603 g te 500 j type size material packaging impedance tolerance permability te: 7" embossed plastic 2 significant figure j:?% code: t: 7" paper tape + 1 multiplier k:?0% f (0402 size only) example: 500 = 50 ? m:?0% g 0402: 10,000 pcs/reel p:?5% s 0603: 4,000 pcs/reel l 0805: 4,000 pcs/reel p 1206: 3,000 pcs/reel 3. ordering and specifying information* part 0603 0805 1206 2. 2.1 dimensions 1. general table 1 0.063?.006 (1.60?.15) 0.079?.008 (2.00?.20) 0.049?.008 (1.25?.20) 0.035?.008 (0.90?.20) 0.020?.010 (0.51?.25) 0.126?.008 (3.20?.20) 0.063?.008 (1.60?.20) 0.043?.008 (1.10?.20) 0.020?.010 (0.51?.25) 0.031?.006 (0.80?.15) 0.031?.006 (0.80?.15) 0.014?.006 (0.36?.15) lwhp dimensions - inches (mm) terminations (metalization bands) h w l p 0402 0603 0805 1206 solder nickel silver metalization electrodes koa speer electronics, inc. 0402 0.039?.004 (1.00?.10) 0.020?.004 (0.50?.10) 0.020?.004 (0.50?.10) 0.010?.004 (0.25?.10)
bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com page 2 of 8 ss-219 r6 4. standard applications mcb0603gte300* 30 0.1 400 mcb0603gte400* 40 0.1 400 mcb0603gte600* 60 0.2 300 mcb0603gte750* 75 0.2 300 mcb0603gte800* 80 0.2 300 mcb0603gte900* 90 0.3 250 mcb0603gte101* 100 0.3 250 mcb0603gte121* 120 0.3 250 mcb0603gte141* 140 0.3 250 mcb0603gte151* 150 0.3 250 mcb0603gte181* 180 0.3 250 mcb0603gte221* 220 0.3 250 mcb0603gte301* 300 0.35 230 mcb0603gte421* 420 0.4 210 mcb0603gte601* 600 0.45 210 mcb0603gte102* 1,000 0.6 190 impedance @ 100mhz ? maximum dc resistance ? allowable dc current (ma) operating temperature -55? to 125? ordering code t: paper tape (0402 size only) te: embossed plastic * add tolerance character (j, k, m, p) koa speer electronics, inc. mcb0402gt100* 10 0.05 500 mcb0402gt150* 15 0.07 300 mcb0402gt700* 70 0.4 200 mcb0402gt121* 120 0.5 200 mcb0402gt221* 220 0.7 100 mcb0402gt601* 600 1.1 50 mcb0402gt102* 1000 1.5 50 mcb0603gte152* 1,500 0.85 100 mcb0603gte182* 1,800 0.95 50 mcb0603gte202* 2,000 0.8 50 mcb0603ste180* 18 0.1 400 mcb0603ste121* 120 0.4 200 mcb0603ste141* 140 0.3 200 ss-219 r6 bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com page 3 of 8 4. standard applications (continued) mcb0805gte101* 100 0.15 400 mcb0805gte121* 120 0.15 400 mcb0805gte151* 150 0.3 200 mcb0805gte181* 180 0.3 200 mcb0805gte201* 200 0.3 200 mcb0805gte301* 300 0.3 200 mcb0805gte401* 400 0.3 200 mcb0805gte421* 420 0.3 200 mcb0805gte601* 600 0.3 200 mcb0805gte751* 750 0.4 200 mcb0805gte102* 1,000 0.4 200 te: embossed plastic * add tolerance character (j, k, m, p) impedance @ 100mhz ? maximum dc resistance ? allowable dc current (ma) operating temperature -55? to 125? ordering code mcb0805fte050* 5 0.07 800 mcb0805fte070* 7 0.1 800 mcb0805fte100* 10 0.1 800 mcb0805fte110* 11 0.1 800 mcb0805fte170* 17 0.1 800 mcb0805fte300* 30 0.1 800 mcb0805fte400* 40 0.1 800 mcb0805fte500* 50 0.1 800 mcb0805fte600* 60 0.1 800 mcb0805fte750* 75 0.1 800 mcb0805fte800* 80 0.15 400 mcb0805gte900* 90 0.15 400 koa speer electronics, inc. mcb0805gte182* 1,800 0.8 200 mcb0805gte152* 1,500 0.55 200 mcb0603ste421* 420 0.5 200 mcb0603ste601* 600 0.65 200 mcb0603ste721* 720 0.7 150 mcb0603ste102* 1,000 0.6 50 mcb1206ste181* 180 0.3 300 ss-219 r6 bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com page 4 of 8 koa speer electronics, inc. 4. standard applications (continued) mcb1206fte201* 200 0.3 300 mcb1206fte301* 300 0.4 300 mcb1206fte601* 600 0.5 200 mcb1206gte102* 1,000 0.7 150 mcb1206gte152* 1,500 @ 50mhz 0.9 100 impedance @ 100mhz ? maximum dc resistance ? allowable dc current (ma) operating temperature -55? to 125? ordering code mcb1206gte202* 2,000 @ 30mhz 0.6 100 mcb1206fte500* 50 0.1 600 mcb1206fte600* 60 0.1 600 mcb1206fte700* 70 0.1 200 mcb1206fte800* 80 0.2 400 mcb1206fte900* 90 0.2 400 mcb1206fte101* 100 0.2 400 mcb1206fte121* 120 0.2 400 mcb1206fte190* 19 0.1 600 mcb1206fte260* 26 0.1 600 mcb1206fte300* 30 0.1 600 mcb1206fte310* 31 0.1 600 mcb0805lte601* 600 0.4 100 mcb0805gte202* 2,000 0.7 200 mcb0805ste180* 18 0.1 600 mcb0805ste201* 200 0.4 200 mcb0805ste601* 600 0.4 200 mcb0805ste751* 750 0.7 200 mcb0805ste102* 1,000 0.75 100 mcb1206ste300* 30 0.1 600 mcb1206ste601* 600 0.3 200 te: embossed plastic * add tolerance character (j, k, m, p) mcb1206fte151* 150 0.15 300 mcb0805ste272* 2,700 0.8 200 bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com page 5 of 8 ss-219 r6 item requirement conditions operating temperature -55? ~ +125? storage temperature 40? @ 70% humidity sealed plastic bags with desiccant shall be used to reduce the potential of oxidation on the terminations during storage. resistance to solder change in impedance: relative to value before flux: 5-10 sec dip heat test ?0%. after flux: air dry for 15 sec appearance: there shall be no cracking preheat: 150? ?0? solder coverage: more than 75% of the terminal preheat time: 60 sec electrode shall be covered with solder. solder temp: 260? ?? dip time: 10 ? sec solderability solder coverage: more than 95% of the flux: 5-10 sec dip termination shall be covered with solder. after flux: air dry for 15 sec solder temp: 245? ?? dip time: 5 ?.5 sec leach resistance appearance: there shall be no visible signs of the bead shall be subjected to the following physical or mechanical damage (i.e. no cracks) 5 steps for the period of time shown below. terminations: termination must not be leached the 5 steps constitute one (1) rotation. away for more than 5%. 4 rotations shall be carried out. 1) flux: 5-10 sec 2) after flux: air dry for 15 sec 3) solder temp: 230? ?? 4) dip time: 5 ?.5 sec 5) cool: air cool for 60 seconds insulation resistance insulation resistance: min 1g ohms solvent resistance change in impedance: relative to value before cleaning by: test ?0%. washer: ultrasonic washer (100w) solvent: isopropyl alcohol time: 3 minutes terminal strength appearance: the terminal electrode shall not type w(kgf) time (hanging test) break off, nor shall there be damage to the body. 0402 n/a 0603 0.5 30 sec ? sec 0805 1.0 30 sec ? sec 1206 1.5 30 sec ? sec terminal strength appearance: there shall be no evidence of type w(kgf) time (push test) mechanical degradations to terminals or body. 0402 n/a 0603 1.4 60 sec 0805 1.8 60 sec 1206 2.3 60 sec 5. characteristics koa speer electronics, inc. ss-219 r6 bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com page 6 of 8 koa speer electronics, inc. item requirement conditions bending strength appearance: there shall be no physical or board: 90x40x1.6mm mechanical damage bend: 1mm impedance: relative to initial value before test time: 5 sec ?0% mechanical shock appearance: there shall be no physical or force: 50g mechanical damage time: 11 msec impedance: relative to initial value before test there shall be 3 shocks in each of 6 directions ?0% (18 shocks total). vibration impedance: relative to initial value ?0% only endurance conditioning by sweeping shall be made. the entire frequency range from 10-2,000hz and return to 10hz in 20 minutes (this shall constitute one cycle). amplitude: 1.5mm the test shall have a 15g peak and shall be applied for a period of 4 hours (12 cycles) in each of 3 mutually perpendicular directions (a total of 36 cycles within a total of 12 hours). thermal shock appearance: there shall be no physical or step temperature time mechanical damage. 1-start -40? ?? impedance: relative to initial value ?0%. 2-hold -40? ?? 30 min ? min dcr: the dcr shall not exceed initial specified 3-transfer 0.5 min max. value. 4-hold +105? ?? 30 min ? min 5-transfer 0.5 min max. testing of the parts will be made at 0 hours, 250 hours and 500 hours. before testing the parts steps 1 thru 5 constitute one complete cycle shall be allowed to cool to room temperature for and the test shall consist of a total of 500 24 hours. cycles. load humidity appearance: there shall be no physical or temperature: 85? ?? mechanical damage relative humidity: 85% impedance: relative to initial value ?5% time: 1,000 hours total apply: 100% rated current measurements shall be taken at 0 hours, 250 hours, 500 hours and 1,000 hours and shall meet the conditions stated above. life test appearance: there shall be no physical or temperature: 85? ?? mechanical damage time: 1,000 hours total impedance: relative to initial value ?5% apply: 100% rated current measurements shall be taken at 0 hours, 250 hours, 500 hours and 1,000 hours and shall meet the conditions stated above. 5. characteristics (continued) ss-219 r6 bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com page 7 of 8 6. packaging specifications koa s multilayer components are provided on tape-and-reel for use in pick-and-place machines. the reel size is 7 inch. 7. dimensions - inches (mm) 8. chip quantities per reel 0.043?.002 (1.1?.1) 0.075?.002 (1.9?.1) 0.043?.002 (1.1?.1) 0.063?.002 (1.6?.1) 0.093?.002 (2.4?.1) 0.046?.002 (1.2?.1) 0.071?.002 (1.8?.1) 0.138?.002 (3.5?.1) 0.048?.002 (1.2?.1) 0.079?.004 (2.0?.1) 0.069?.004 (1.75?.10) 0.138?.002 (3.50?005) 0.318?.002 (8.1?.1) 0.157?.004 (4.0?.1) 0.157?.004 (4.0?.1) 0.079?.002 (2.00?.05) 0.059?.004 (1.5+0.1/-0.0) 0.039 min. (1.0 min.) 0.009?.001 (0.23?.02) 1206 (3216) 0805 (2012) 0603 (1608) 0402 (1005) 0603 (1608) 0805 (2012) 1206 (3216) tape tape ao efwp 1 po p 2 d 1 t do bo ko parts on 7 inch (178mm) reel chip size 0603 (1608) 0805 (2012) 1206 (3216) 3,000 4,000 4,000 do e w f po p 2 d 1 p 1 bo ko t ao koa speer electronics, inc. 0.026?.004 (0.65?.1) 0.046?.004 (1.17?.1) 0.025?.004 (0.63?.1) 0402 (1005) 0402 (1005) 10,000 0.040?.002 (1.0?.05) n/a koa speer electronics, inc. ss-219 r6 bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com notice: the information contained in this spec sheet is believed to be accurate and up-to-date. koa speer electronics reserves this right to change these specifications without notice. page 8 of 8 10. recommended temperature profiles for soldering 250 c 150 c 60 seconds max. preheat 100 seconds max. soldering 10 seconds max. natural cooling recommended temperature profile for wave soldering 250 c 150 c 60 seconds max. preheat 100 seconds max. soldering 10 seconds max. natural cooling recommended temperature profile for reflow soldering 20 seconds max. 200 c 9. recommended pc board land patterns - mm (inches) 0603 (1608) 2.6 (0.102) 3.0 (0.118) 4.4 (0.173) 0.6 (0.023) 1.0 (0.039) 2.2 (0.087) 0.8 (0.031) 1.0 (0.039) 1.4 (0.055) 0805 (2012) 1206 (3216) chip size l g h g l h 0402 (1005) 1.3 (0.051) 0.4 (0.016) 0.5 (0.020) |
Price & Availability of MCB0402GT121M |